|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SB060C020-3-W-AG Schottky cr Barrier Diode Wafer 60 Mils, 20 Volt, 3 Amp, 0.38VF. Data Sheet Features Oxide Passivated Junction Very Low Forward Voltage 125 C Junction Operating Low Reverse Leakage Supplied as Wafers Chromium Barrier >1000V ESD (MM) Cr-Al-Ni-Ag - Suffix "Ag" Anode Cathode Ti-Ni-Ag Symbol Electrical Characteristics @ 25 C Maximum Repetitive Reverse Voltage (2) Maximum Forward Voltage @ IF = 3.0A (1)(2) Typical Average Forward Rectified Current (2) Reverse Leakage Current @ VR = 20V (2) Reverse Leakage Current @ VR =20V, 125OC (2) ESD Machine Model (MM) Junction Operating Temperature Range (2) Storage Temperature Range (2) Symbol Unit VRRM VF IF(AV) IR(1) IR(2) VESD(mm) TJ TSG Volt Volt Amp SB060C020-3-W-AG (See ordering code below) 20 0.38 3.0 800 50 >1000 -45 to +125 -45 to +125 e.g. A mA Volt C C (1) Pulse Width tp = < 300S, Duty Cycle <2% (2) The characteristics above assume the die are assembled in industry standard packages using appropriate attach methods. Ordering Code SB065C040-3-W-Ag Schottky Barrier 65 Mils CR Barrier 40Volt 3 Amp Wafer CR/Ti/Ni/Ag Mechanical Dimensions Wafer Die Wafer Diameter - 100 mm (4") Wafer Thickness 420 +/- 20 Top (Anode) - CR/Ti/Ni/Ag (Suffix "Ag") Bottom (cathode) Ti/Ni/Ag Scribe line Width 80 M 51.9 (1320) 59.05 (1.500) 51.9 (1320) 59.05 (1.500) 420 +/- 20 m Third Angle Protection The information in this datasheet does not form part of any contract, quotation guarantee,warranty or representation, it has been produced in good faith and is believed to be accurate and may be changed without notice at anytime. Liability will not be accepted by Transys Electronics LTD for any consequences whatsoever in its use. This publication does not convey nor imply any license under patent or other intellectual/industrial property rights. The products within this specification are not designed for use in any life support apparatus whatsoever where malfunction can be reasonably expected to cause personal injury or death. Customers using these products in the aforementioned applications do so at their own risk and agree to fully indemnify Transys Electronics LTD for any damage/ legal fees either direct, incidental or consequential from this improper use or sale. Dimensions in mils (mm) Transys Electronics LTD Email: sales@transyselectronics.com Website: www.transyselectronics.com Tel: + 44 (0) 121 776 6321 Fax: + 44 (0) 121 776 6997 SCD0979-1 Page 1 of 1 |
Price & Availability of SB060C020-3-W-AG |